Part Number Hot Search : 
193CJA MPF102G EE08147 MS2501 LTC3783 M1201 ADT74 2SK31
Product Description
Full Text Search
 

To Download ASD15-12D5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 1 5 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 1 5 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne europe: 353 51 561060 astrodyne p acific: 886-2-26983458 wide 4 : 1 input range high efficiency regulated outputs 1500v isolation full emi shielding standard pinouts model number output voltage output amps input range single output asd15-12s3 3.3 vdc 3.75 9-18vdc asd15-48s3 3.75 20-75vdc asd15-12s5 5 vdc 3 9-18vdc asd15-48s5 3 20-75vdc asd15-12s12 12 vdc 1.25 9-18vdc asd15-48s12 1.25 20-75vdc asd15-12s15 15 vdc 1 9-18vdc asd15-48s15 1 20-75vdc dua l output ASD15-12D5 +/-5 vdc +/-1.5 9-18vdc asd15-48d5 +/-1.5 20-75vdc asd15-12d12 +/-12 vdc +/-0.62 9-18vdc asd15-48d12 +/-0.62 20-75vdc asd15-12d15 +/-15 vdc +/-0.5 9-18vdc asd15-48d15 +/-0.5 20-75vdc unit measures 1.6w x 2l x 0.375h
i s o l a t e d a n d r e g u l a t e d 1 5 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 1 5 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne europe: 353 51 561060 astrodyne p acific: 886-2-26983458 input specifica tions input voltage, nominal 12vdc 48vdc input voltage ranges 9-18 20-75 vdc input surge voltage 50v (12v models), * 100v (48v models), * 10 ms duration, min. output specifica tions voltage and current see selection chart load regulation singles: +/- 0.5% 20% - fl duals: +/-1%, +/-3% (5v mod) line regulation singles: +/- 0.5% duals: +/- 1% trim range 0.5v min, 0.65v typ temperature coefficient +/-0.01%/c ripple/noise(single/dual) 100mv pk-pk, typ overvoltage protection clamp, 130-150% * voltage stability +/- 0.05%, max transient response +/- 2%, max short circuit protection continuous, self-recovering genera l specifica tions on/off control (ref to - input pin) logic 1/open=on logic 0/gnd=off shutdown idle current 15ma input-out isolation 1500vdc (48v) 500 vdc (12v) in/out capacitance 1000 pf efficiency 82%, typ switching frequency 450khz environment a l specifica tions oper. temperature -25 to +71c(fl) storage temperature -40 to +125c * maximum case temp 110c * input fusing 12v: 4a, 48v: 2a mtbf 1,000,000 hrs mil std 217, 25c shock/vibration to mil-std 810c physica l specifica tions case material aluminum construction fully encapsulated weight 1.6 oz, (40g) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25c unless other - wise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 1 5 wat t m o d u l a r d c / d c c o n v e r t e r s a s d 1 5 s e r i e s www. astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne europe: 353 51 561060 astrodyne p acific: 886-2-26983458 output dera ting curve mechanica l dimensions pin # single outputs dual outputs 1 + input + input 2 - input - input 3 no pin no pin 4 control control 5 no pin + output 6 + output out. ret. 7 out. ret. - output 8 trim trim 1.60 (40.64) .30 (7.62) (10.16) .40 1.80 (45.72) 2.00 (50.80) .10 (2.54) (5.08) .20 (10.16 ) .40 .80 (20.32 ) 1.20 (30.48 ) (15.24) .60 (9.52) .375 (3.05) .12 sq. (0.80 ) .031 bott om view dimension= inch (mm) 1 2 4 5 6 7 8 -25 -20 -10 0 10 20 30 40 50 60 70 80 90 ambient temp, c output power, watts 2 4 6 8 10 0 12 14 16


▲Up To Search▲   

 
Price & Availability of ASD15-12D5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X